Part Number Hot Search : 
1N4006 PF10K 15KPA45A 1344184 74HC674 ML9XX15 MSC3005 SP9715C
Product Description
Full Text Search
 

To Download HA5023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 tm HA5023 dual 125mhz video current feedback amplifier the HA5023 is a wide bandwidth high slew rate dual amplifier optimized for video applications and gains between 1 and 10. it is a current feedback amplifier and thus yields less bandwidth degradation at high closed loop gains than voltage feedback amplifiers. the low differential gain and phase, 0.1db gain flatness, and ability to drive two back terminated 75 ? cables, make this amplifier ideal for demanding video applications. the current feedback design allows the user to take advantage of the amplifier?s bandwidth dependency on the feedback resistor. by reducing r f , the bandwidth can be increased to compensate for decreases at higher closed loop gains or heavy output loads. the performance of the HA5023 is very similar to the popular intersil ha-5020 . features ? wide unity gain bandwidth . . . . . . . . . . . . . . . . . 125mhz ? slew rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 475v/ s ? input offset voltage . . . . . . . . . . . . . . . . . . . . . . . . 800 v ? differential gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03% ? differential phase. . . . . . . . . . . . . . . . . . . . . 0.03 degrees ? supply current (per amplifier) . . . . . . . . . . . . . . . . 7.5ma ? esd protection. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4000v ? guaranteed specifications at 5v supplies applications ? video gain block ? video distribution amplifier/rgb amplifier ? flash a/d driver ? current to voltage converter ? medical imaging ? radar and imaging systems ? video switching and routing pinout HA5023 (pdip, soic) top view ordering information part number (brand) temp. range ( o c) package pkg. no. HA5023ip -40 to 85 8 ld pdip e8.3 HA5023ib (h5023i) -40 to 85 8 ld soic m8.15 HA5023eval high speed op amp dip evaluation board out1 -in1 +in1 v- 1 2 3 4 8 7 6 5 v+ out2 -in2 +in2 + - + - data sheet september 1998 fn3393.6 caution: these devices are sensitive to electrostatic discharge; follow proper ic handling procedures. 1-888-intersil or 321-724-7143 | intersil (and design) is a trademark of intersil americas inc. copyright ? intersil americas inc. 2002. all rights reserved
2 absolute maximum ratings thermal information voltage between v+ and v- terminals . . . . . . . . . . . . . . . . . . . .36v dc input voltage (note 3) . . . . . . . . . . . . . . . . . . . . . . . . v supply differential input voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10v output current (note 4) . . . . . . . . . . . . . . . . .short circuit protected esd rating (note 3) human body model (per mil-std-883 method 3015.7). . . 2000v operating conditions temperature range. . . . . . . . . . . . . . . . . . . . . . . . . . -40 o c to 85 o c supply voltage range (typical) . . . . . . . . . . . . . . . . 4.5v to 15v thermal resistance (typical, note 2) ja ( o c/w) pdip package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130 soic package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 160 maximum junction temperature (note 1) . . . . . . . . . . . . . . . . .175 o c maximum junction temperature (plastic package, note 1) . .150 o c maximum storage temperature range . . . . . . . . . -65 o c to 150 o c maximum lead temperature (soldering 10s) . . . . . . . . . . . . 300 o c (soic - lead tips only) caution: stresses above those listed in ?absolute maximum ratings? may cause permanent damage to the device. this is a stress o nly rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. notes: 1. maximum power dissipation, including output load, must be designed to maintain junction temperature below 175 o c for die, and below 150 o c for plastic packages. see application information section for safe operating area information. 2. ja is measured with the component mounted on an evaluation pc board in free air. 3. the non-inverting input of unused amplifiers must be connected to gnd. 4. output is protected for short circuits to ground. brief short circuits to ground will not degrade reliability, however, conti nuous (100% duty cycle) output current should not exceed 15ma for maximum reliability. electrical specifications v supply = 5v, r f = 1k ?, a v = +1, r l = 400 ?, c l 10pf, unless otherwise specified parameter test conditions (note 9) test level temp. ( o c) min typ max units input characteristics input offset voltage (v io )a25-0.83mv afull--5mv delta v io between channels a full - 1.2 3.5 mv average input offset voltage drift b full - 5 - v/ o c v io common mode rejection ratio note 5 a 25 53 - - db a full 50 - - db v io power supply rejection ratio 3.5v v s 6.5v a 25 60 - - db afull55-- db input common mode range note 5 a full 2.5 - - v non-inverting input (+in) current a 25 - 3 8 a afull--20 a +in common mode rejection (+i bcmr =) note 5 a 25 - - 0.15 a/v afull--0.5 a/v +in power supply rejection 3.5v v s 6.5v a 25 - - 0.1 a/v afull--0.3 a/v inverting input (-in) current a 25, 85 - 4 12 a a-40-1030 a delta -in bias current between channels a 25, 85 - 6 15 a a-40-1030 a 1 +r in HA5023
3 -in common mode rejection note 5 a 25 - - 0.4 a/v afull--1.0 a/v -in power supply rejection 3.5v v s 6.5v a 25 - - 0.2 a/v afull--0.5 a/v input noise voltage f = 1khz b 25 - 4.5 - nv/ hz +input noise current f = 1khz b 25 - 2.5 - pa/ hz -input noise current f = 1khz b 25 - 25.0 - pa/ hz transfer characteristics transimpedence note 11 a 25 1.0 - - m ? afull0.85-- m ? open loop dc voltage gain r l = 400 ? , v out = 2.5v a 25 70 - - db afull65-- db open loop dc voltage gain r l = 100 ? , v out = 2.5v a 25 50 - - db afull45-- db output characteristics output voltage swing r l = 150 ? a25 2.5 3.0 - v afull 2.5 3.0 - v output current r l = 150 ? bfull 16.6 20.0 - ma output current, short circuit v in = 2.5v, v out = 0v a full 40 60 - ma power supply characteristics supply voltage range a 25 5 - 15 v quiescent supply current a full - 7.5 10 ma/op amp ac characteristics (a v = +1) slew rate note 6 b 25 275 350 - v/ s full power bandwidth note 7 b 25 22 28 - mhz rise time note 8 b 25 - 6 - ns fall time note 8 b 25 - 6 - ns propagation delay note 8 b 25 - 6 - ns overshoot b25-4.5- % -3db bandwidth v out = 100mv b 25 - 125 - mhz settling time to 1% 2v output step b 25 - 50 - ns settling time to 0.25% 2v output step b 25 - 75 - ns electrical specifications v supply = 5v, r f = 1k ?, a v = +1, r l = 400 ?, c l 10pf, unless otherwise specified (continued) parameter test conditions (note 9) test level temp. ( o c) min typ max units HA5023
4 ac characteristics (a v = +2, r f = 681 ?) slew rate note 6 b 25 - 475 - v/ s full power bandwidth note 7 b 25 - 26 - mhz rise time note 8 b 25 - 6 - ns fall time note 8 b 25 - 6 - ns propagation delay note 8 b 25 - 6 - ns overshoot b25-12- % -3db bandwidth v out = 100mv b 25 - 95 - mhz settling time to 1% 2v output step b 25 - 50 - ns settling time to 0.25% 2v output step b 25 - 100 - ns gain flatness 5mhz b 25 - 0.02 - db 20mhz b 25 - 0.07 - db ac characteristics (a v = +10, r f = 383 ? ) slew rate note 6 b 25 350 475 - v/ s full power bandwidth note 7 b 25 28 38 - mhz rise time note 8 b 25 - 8 - ns fall time note 8 b 25 - 9 - ns propagation delay note 8 b 25 - 9 - ns overshoot b25-1.8- % -3db bandwidth v out = 100mv b 25 - 65 - mhz settling time to 1% 2v output step b 25 - 75 - ns settling time to 0.1% 2v output step b 25 - 130 - ns video characteristics differential gain (note 10) r l = 150 ? b25-0.03- % differential phase (note 10) r l = 150 ? b 25 - 0.03 - degrees notes: 5. v cm = 2.5v. at -40 o c product is tested at v cm = 2.25v because short test duration does not allow self heating. 6. v out switches from -2v to +2v, or from +2v to -2v. specification is from the 25% to 75% points. 7. . 8. r l = 100 ? , v out = 1v. measured from 10% to 90% points for rise/fall times; from 50% points of input and output for propagation delay. 9. a. production tested; b. typical or guaranteed limit based on characterization; c. design typical for information only. 10. measured with a vm700a video tester using an ntc-7 composite vits. 11. v out = 2.5v. at -40 o c product is tested at v out = 2.25v because short test duration does not allow self heating. electrical specifications v supply = 5v, r f = 1k ?, a v = +1, r l = 400 ?, c l 10pf, unless otherwise specified (continued) parameter test conditions (note 9) test level temp. ( o c) min typ max units fpbw slew rate 2 v peak ---------------------------- - ;v peak 2v == HA5023
5 test circuits and waveforms figure 1. test circuit for transimpedance measurements figure 2. small signal pulse response circuit figure 3. large signal pulse response circuit note: 12. a series input resistor of 100 ? is recommended to limit input currents in case input signals are present before the HA5023 is powered up. figure 4. small signal response figure 5. large signal response + - 50 ? 50 ? dut hp4195 network analyzer v in v out r l r f , 1k ? 100 ? 50 ? + - dut 100 ? (note 12) v in v out r l r f , 681 ? 400 ? 50 ? + - dut r i 681 ? 100 ? (note 12) vertical scale: v in = 100mv/div., v out = 100mv/div. horizontal scale: 20ns/div. vertical scale: v in = 1v/div., v out = 1v/div. horizontal scale: 50ns/div. HA5023
6 schematic diagram (one amplifier of two) r 2 800 r 5 2.5k q p2 r 1 60k q n1 r 3 6k q n2 d 1 q n3 q n4 r 4 800 q n7 r 9 820 q p4 q n6 q n5 +in q p7 r 13 1k r 12 280 q p6 q n8 q p5 r 10 820 q n9 q n11 q n10 q p10 q p8 q p9 r 11 1k r 14 280 q n14 r 16 400 r 22 280 q n16 r 17 280 r 18 280 q p11 r 15 400 r 19 400 q p14 q n12 q p12 -in q n13 q p13 c 2 r 23 400 r 26 200 r 24 140 r 20 140 q p15 c 1 q n17 r 25 20 q n18 r 25 140 r 21 140 q p16 r 27 200 q p17 r 28 20 q n15 r 30 7 q n19 out q n21 r 32 5 r 29 9.5 q p19 q p20 r 31 5 v+ v - q p1 r 33 800 1.4pf 1.4pf HA5023
7 application information optimum feedback resistor the plots of inverting and non-inverting frequency response, see figure 8 and figure 9 in the typical performance section, illustrate the performance of the HA5023 in various closed loop gain configurations. although the bandwidth dependency on closed loop gain isn?t as severe as that of a voltage feedback amplifier, there can be an appreciable decrease in bandwidth at higher gains. this decrease may be minimized by taking advantage of the current feedback amplifier?s unique relationship between bandwidth and r f . all current feedback amplifiers require a feedback resistor, even for unity gain applications, and r f , in conjunction with the internal compensation capacitor, sets the dominant pole of the frequency response. thus, the amplifier?s bandwidth is inversely proportional to r f . the HA5023 design is optimized for a 1000 ? r f at a gain of +1. decreasing r f in a unity gain application decreases stability, resulting in excessive peaking and overshoot. at higher gains the amplifier is more stable, so r f can be decreased in a trade- off of stability for bandwidth. the table below lists recommended r f values for various gains, and the expected bandwidth. pc board layout the frequency response of this amplifier depends greatly on the amount of care taken in designing the pc board. the use of low inductance components such as chip resistors and chip capacitors is strongly recommended. if leaded components are used the leads must be kept short especially for the power supply decoupling components and those components connected to the inverting input. attention must be given to decoupling the power supplies. a large value (10 f) tantalum or electrolytic capacitor in parallel with a small value (0.1 f) chip capacitor works well in most cases. a ground plane is strongly recommended to control noise. care must also be taken to minimize the capacitance to ground seen by the amplifier?s inverting input (-in). the larger this capacitance, the worse the gain peaking, resulting in pulse overshoot and possible instability. it is recommended that the ground plane be removed under traces connected to -in, and that connections to -in be kept as short as possible to minimize the capacitance from this node to ground. driving capacitive loads capacitive loads will degrade the amplifier?s phase margin resulting in frequency response peaking and possible oscillations. in most cases the oscillation can be avoided by placing an isolation resistor (r) in series with the output as shown in figure 6. the selection criteria for the isolation resistor is highly dependent on the load, but 27 ? has been determined to be a good starting value. power dissipation considerations due to the high supply current inherent in dual amplifiers, care must be taken to insure that the maximum junction temperature (t j , see absolute maximum ratings) is not exceeded. figure 7 shows the maximum ambient temperature versus supply voltage for the available package styles (plastic dip, soic). at 5v dc quiescent operation both package styles may be operated over the full industrial range of -40 o c to 85 o c. it is recommended that thermal calculations, which take into account output power, be performed by the designer. gain (a cl )r f ( ? ) bandwidth (mhz) -1 750 100 +1 1000 125 +2 681 95 +5 1000 52 +10 383 65 -10 750 22 v in v out c l r t + - r i r f r figure 6. placement of the output isolation resistor, r 100 ? 5 7 9 11 13 15 140 130 120 110 100 90 80 supply voltage ( v) pdip soic max ambient temperature ( o c) 50 60 70 figure 7. maximum operating ambient temperature vs supply voltage HA5023
8 typical performance curves v supply = 5v, a v = +1, r f = 1k ?, r l = 400 ?, t a = 25 o c, unless otherwise specified figure 8. non-inverting freqency response figure 9. inverting frequency response figure 10. phase response as a function of frequency figure 11. bandwidth and gain peaking vs feedback resistance figure 12. bandwidth and gain peaking vs feedback resistance figure 13. bandwidth and gain peaking vs load resistance 5 4 3 2 1 0 -1 -2 -3 -4 -5 normalized gain (db) frequency (mhz) 2 10 100 200 v out = 0.2v p-p c l = 10pf a v = +1, r f = 1k ? a v = 2, r f = 681 ? a v = 5, r f = 1k ? a v = 10, r f = 383 ? 5 4 3 2 1 0 -1 -2 -3 -4 -5 2 10 100 200 frequency (mhz) normalized gain (db) v out = 0.2v p-p c l = 10pf r f = 750 ? a v = -1 a v = -2 a v = -10 a v = -5 frequency (mhz) 2 10 100 200 0 -45 -90 -135 -100 -225 -270 -315 -360 180 135 90 0 -45 -90 -135 45 -180 noninverting phase (degrees) inverting phase (degrees) v out = 0.2v p-p c l = 10pf a v = +10, r f = 383 ? a v = -10, r f = 750 ? a v = -1, r f = 750 ? a v = +1, r f = 1k ? feedback resistor ( ? ) 500 700 900 1100 1300 1500 140 130 120 10 5 0 -3db bandwidth (mhz) gain peaking (db) v out = 0.2v p-p c l = 10pf -3db bandwidth gain peaking a v = +1 feedback resistor ( ? ) -3db bandwidth (mhz) gain peaking (db) 100 95 90 0 350 500 650 800 950 1100 -3db bandwidth gain peaking v out = 0.2v p-p c l = 10pf a v = +2 5 10 load resistor ( ? ) -3db bandwidth (mhz) gain peaking (db) 130 120 110 100 90 80 0 200 400 600 800 1000 6 4 2 0 v out = 0.2v p-p c l = 10pf -3db bandwidth gain peaking a v = +1 HA5023
9 figure 14. bandwidth vs feedback resistance figure 15. small signal overshoot vs load resistance figure 16. differential gain vs supply voltage figure 17. differential phase vs supply voltage figure 18. distortion vs frequency figure 19. rejection ratios vs frequency typical performance curves v supply = 5v, a v = +1, r f = 1k ?, r l = 400 ?, t a = 25 o c, unless otherwise specified (continued) 80 60 40 20 0 200 350 500 650 800 950 -3db bandwidth (mhz) feedback resistor ( ? ) v out = 0.2v p-p c l = 10pf a v = +10 load resistance ( ? ) 0 200 400 600 800 1000 16 6 0 overshoot (%) v out = 0.1v p-p c l = 10pf v supply = 5v, a v = +2 v supply = 15v, a v = +1 v supply = 5v, a v = +1 v supply = 15v, a v = +2 12 supply voltage ( v) 3 5 7 9 11 13 15 0.10 0.08 0.06 0.04 0.02 0.00 differential gain (%) frequency = 3.58mhz r l = 75 ? r l = 150 ? r l = 1k ? 0.08 0.06 0.04 0.02 0.00 357 9111315 supply voltage ( v) differential phase (degrees) r l = 1k ? r l = 75 ? r l = 150 ? frequency = 3.58mhz -40 -50 -60 -70 -80 -90 0.3 1 10 frequency (mhz) distortion (dbc) v out = 2.0v p-p c l = 30pf hd 3 hd2 3rd order imd hd 2 hd 3 frequency (mhz) 0 -10 -20 -30 -40 -50 -60 -70 -80 rejection ratio (db) 0.001 0.01 0.1 1 10 30 a v = +1 cmrr positive psrr negative psrr HA5023
10 figure 20. propagation delay vs temperature figure 21. propagation delay vs supply voltage figure 22. figure 22. slew rate vs temperature figure 23. non-inverting gain flatness vs frequency figure 24. inverting gain flatness vs frequency figure 25. input noise characteristics typical performance curves v supply = 5v, a v = +1, r f = 1k ?, r l = 400 ?, t a = 25 o c, unless otherwise specified (continued) temperature (c) -50 -25 0 25 50 75 100 125 8.0 7.5 7.0 6.5 6.0 propagation delay (ns) r l = 100 ? v out = 1.0v p-p a v = +1 supply voltage ( v) propagation delay (ns) 12 10 8 6 4 35 7 9111315 r load = 100 ? v out = 1.0v p-p a v = +10, r f = 383 ? a v = +2, r f = 681 ? a v = +1, r f = 1k ? temperature ( o c) -50 -25 0 25 50 75 100 125 500 450 400 350 300 250 200 150 100 slew rate (v/ s) v out = 2v p-p + slew rate - slew rate a v = +1, r f = 1k ? frequency (mhz) 5 101520 2530 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 normalized gain (db) v out = 0.2v p-p c l = 10pf a v = +2, r f = 681 ? a v = +5, r f = 1k ? a v = +10, r f = 383 ? 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 normalized gain (db) frequency (mhz) 51015202530 v out = 0.2v p-p c l = 10pf a v = -1 a v = -2 a v = -5 a v = -10 r f = 750 ? frequency (khz) 0.01 0.1 1 10 100 voltage noise (nv/ hz ) current noise (pa/ hz ) 100 80 60 40 20 0 1000 800 600 400 200 0 a v = +10, r f = 383 ? -input noise current +input noise current input noise voltage HA5023
11 figure 26. input offset voltage vs temperature figure 27. +input bias current vs temperature figure 28. -input bias current vs temperature figure 29. transimpedance vs temperature figure 30. supply current vs supply voltage figure 31. rejection ratio vs temperature typical performance curves v supply = 5v, a v = +1, r f = 1k ?, r l = 400 ?, t a = 25 o c, unless otherwise specified (continued) 1.5 1.0 0.5 0.0 -60 -40 -20 0 40 60 80 100 120 140 20 v io (mv) temperature ( o c) 2 0 -2 -4 -60 -40 -20 0 40 60 80 100 120 140 20 bias current ( a) temperature ( o c) 22 20 18 16 -60 -40 -20 0 40 60 80 100 120 140 20 temperature ( o c) bias current ( a) temperature ( o c) 4000 3000 2000 1000 transimpedance (k ? ) -60 -40 -20 0 40 60 80 100 120 140 20 3 4 5 6 7 8 9 10 11 12 13 14 15 25 20 15 10 5 i cc (ma) supply voltage ( v) 125 o c 55 o c 25 o c 58 60 62 64 66 68 70 72 74 -100 -50 0 50 100 150 +psrr -psrr cmrr 200 250 temperature ( o c) rejection ratio (db) HA5023
12 figure 32. supply current vs disable input voltage figure 33. output swing vs temperature figure 34. output swing vs load resistance fig ure 35. input offset voltage change between channels vs temperature figure 36. input bias current change between channels vs temperature figure 37. channel separation vs frequency typical performance curves v supply = 5v, a v = +1, r f = 1k ?, r l = 400 ?, t a = 25 o c, unless otherwise specified (continued) 1 0 2 3 4 5 6 7 8 9 10 11 12 13 14 15 disable input voltage (v) 40 30 20 10 0 supply current (ma) +5v +10v +15v 4.0 3.8 3.6 -60 -40 -20 0 40 60 80 100 120 140 20 temperature ( o c) output swing (v) 0.01 0.10 1.00 10.00 30 20 10 0 v out (v p-p ) load resistance (k ? ) v cc = 15v v cc = 10v v cc = 4.5v -60 -40 -20 0 40 60 80 100 120 140 20 1.2 1.1 1.0 0.9 0.8 v io (mv) temperature ( o c) -60 -40 -20 1.5 1.0 0.5 0.0 temperature ( o c) ? bias current ( a) 40 60 80 100 120 140 20 0 -30 -40 -50 -60 -70 -80 0.1 1 10 30 separation (db) frequency (mhz) a v = +1 v out = 2v p-p HA5023
13 figure 38. disable feedthrough vs frequency figure 39. transimpedance vs frequency figure 40. transimpedence vs frequency typical performance curves v supply = 5v, a v = +1, r f = 1k ?, r l = 400 ?, t a = 25 o c, unless otherwise specified (continued) -20 -40 -50 -60 -70 -80 0.1 1 10 20 feedthrough (db) frequency (mhz) -30 -10 0 disable = 0v v in = 5v p-p r f = 750 ? -135 -90 -45 0 45 90 135 180 10 1 0.1 0.01 0.001 0.001 0.01 0.1 1 10 100 phase angle (degrees) transimpedance (m ? ) r l = 100 ? frequency (mhz) -135 -90 -45 0 45 90 135 180 10 1 0.1 0.01 0.001 0.001 0.01 0.1 1 10 100 phase angle (degrees) r l = 400 ? frequency (mhz) transimpedance (m ? ) HA5023
14 all intersil u.s. products are manufactured, assembled and tested utilizing iso9000 quality systems. intersil corporation?s quality certifications can be viewed at www.intersil.com/design/quality intersil products are sold by description only. intersil corporation reserves the right to make changes in circuit design, soft ware and/or specifications at any time without notice. accordingly, the reader is cautioned to verify that data sheets are current before placing orders. information furnishe d by intersil is believed to be accurate and reliable. however, no responsibility is assumed by intersil or its subsidiaries for its use; nor for any infringements of paten ts or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiari es. for information regarding intersil corporation and its products, see www.intersil.com die characteristics die dimensions: 1650 m x 2540 m x 483 m metallization: type: metal 1: alcu (1%) thickness: metal 1: 8k ? 0.4k ? type: metal 2: alcu (1%) thickness: metal 2: 16k ? 0.8k ? substrate potential (powered up): v- passivation: type: nitride thickness: 4k ? 0.4k ? transistor count: 124 process: high frequency bipolar dielectric isolation metallization mask layout HA5023 v+ nc v- nc nc -in +in -in1 out2 +in1 out HA5023


▲Up To Search▲   

 
Price & Availability of HA5023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X